Part Number Hot Search : 
TK4P60DB 304B24 HCF40161 LP295 LM393A UPA834TF RT8025 05M05
Product Description
Full Text Search
 

To Download MBRB20100CT-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr b 20100 ct advanced information new p roduct 2 0a schottky barrier rectifier product summary mbr b 20100 ct ( per leg ) description and applications this schottky barrier rectifier is designed to meet th e general requirements of c ommercial applications. it is ideally suited for use as: ? polarity protection diode ? re - circulating diode ? switching diode v rrm (v) i o (a) v f ( max ) (v) @ +25c i r ( max ) (ma) @ +25c 100 10 0. 84 0. 1 features and benefits ? guard ring die construction for transient protection ? high surge current capability ? low forward voltage drop ? lead - free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec - q101 standards for high reliability mechanical data ? case: to263ab ( d2p ak) ? case material: molded plastic, ?green? molding c ompound . ul flammability classification rating 94v - 0 ? moisture sensitivity: level 1 per j - std - 020 ? terminals: finish - matte tin a nnealed over copper l eadframe . solderable per mil - std - 202, method 208 ? polarity: see below ? weight: to 2 63ab (d2pak) ? 1.6 grams ( approximate ) ordering information (note 4 ) part number case packaging mbr b 201 00 ct to263ab (d2pak) 50 pieces/ t ube mbr b 201 00 ct - 13 to263ab (d2pak) 8 0 0 pieces/ reel note s: 1 . eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporated?s definitions of hal ogen - and antimony - free, "green" and lead - f ree . 3. halogen - and antimon y - free "green? products are defined as those which contain <900 ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/products/packages.html. marking informat ion to - 263ab top view package pin out configuration mbr b 2 0 1 0 0 ct = product type marking code ab = foundry and assembly code yyww = date code marking yy = last two d igits of y ear (ex: 1 4 = 201 4 ) ww = week (01 - 53) green mbr b 20 1 00 ct document number: ds 3 7071 rev . 3 - 2 1 of 6 www.diodes.com september 2014 ? diodes incorporated
mbr b 20100 ct advanced information new p roduct maximum ratings (per leg) (@ t a = +25c, unless otherwise specified.) single phase, half wave, 60hz, resistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 100 v average rectified output current (per leg) (total) i o 10 20 a non - repetitive peak forward surge current 8.3ms single half sine - wave superimposed on rated load i fsm 1 5 0 a thermal characteristics (per leg) characteristic symbol value unit typical thermal resistance, junction to case (note 5 ) r jc 5 c/w typical thermal resistance, junction to ambient (note 5 ) r j a 20 c/w operating and storage temperature range t j , t stg - 55 to + 1 75 c electrical characteristics (per leg) (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition forward voltage drop v f ? ? 0. 79 ? 0. 84 0. 72 v i f = 10 a, t j = + 25 c i f = 10 a, t j = + 125 c leakage current (note 6 ) i r ? ? ? ? 0. 1 10 ma v r = 1 0 0 v , t j = + 25 c v r = 1 0 0 v , t j = + 125 c notes: 5. test with 2inch al board . 6 . short duration pulse test used to minimize self - heating effect . mbr b 20 1 00 ct document number: ds 3 7071 rev . 3 - 2 2 of 6 www.diodes.com september 2014 ? diodes incorporated
mbr b 20100 ct advanced information new p roduct i average forward current (a) f(av) figure 1 forward power dissipation p , p o w e r d i s s i p a t i o n ( w ) d 0 1 2 3 4 5 6 7 8 9 10 0 2 4 6 8 10 12 14 16 tj 175 = . 0 1 . 1 10 0 0 2 . 0 4 . 0 6 . 0 8 . 1 1 2 . = = = = = = . . 0 0001 . 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 vr, instantansous reverse voltage(v) i r , i n s t a n t a n s o u s l e a k a g e c u r r e n t ( m a ) t = 150c a t = 125c a t = 85c a t = 25c a i , a v e r a g e f o r w a r d c u r r e n t ( a ) f ( a v ) figure 4 forward current derating curve t , ambient temperature (c) a 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 25 40 55 70 85 100 115 130 145 160 175 note 5 mbr b 20 1 00 ct document number: ds 3 7071 rev . 3 - 2 3 of 6 www.diodes.com september 2014 ? diodes incorporated
mbr b 20100 ct advanced information new p roduct package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version. to263ab (d2pak) dim min max typ a 4.07 4.82 - a1 0.00 0.25 - b 0.51 0.99 - b2 1.15 1.77 - c 0.356 0.73 - c2 1.143 1.65 - d 8.39 9.65 - d1 6.55 - - e 2.54 typ e 9.66 10.66 - e1 6.23 - - h 14.61 15.87 - l 1.78 2.79 - l1 - 1.67 - l2 - 1.77 - a 0 8 - all dimensions in mm to263ab (d2pak) (type b) dim min max typ a 4.40 4.70 4.57 a1 0.00 0.20 0.10 a2 2.59 2.79 2.69 b 0.77 0.90 0.813 b2 1.20 1.36 1.27 c 0.356 0.47 0.381 c2 1.22 1.32 1.27 d 8.60 8.80 8.70 d1 6.60 7.80 7.60 d1a 5.33 6.53 6.33 d1b 4.54 5.74 5.54 e 2.54 bsc e 10.00 10.20 10.10 e1 6.67 7.87 7.67 e1a 4.94 6.14 5.94 e1b 7.06 8.26 8.06 h 14.70 15.50 15.10 l 2.00 2.60 2.30 l1 1.17 1.40 1.27 l2 1.45 1.70 1.55 l3 0.25 bsc l4 2.50 ref 0 8 5 1 5 9 7 2 1 5 3 all dimensions in mm e l1 d b2 b e l2 c2 a h see detail b 71 c e1 d1 a1 gauge plane l l3 a detail b seating plane e l1 d b2 b e l2 c2 a h see detail b 01 c e1 a1 gauge plane l l3 0 detail b seating plane e1b d1 e1a d1a d1b a2 l4 01 02 ?1.50 b b 20 1 00 c dcuent nube ds 3 7071 e . 3 2 4 www.diodes.com september 2014 ? diodes incorporated
mbr b 20100 ct advanced information new p roduct package outline dimensions (cont.) please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version. suggested pad layout please see ap020 01 at http://www.diodes.com/datasheets/ap0200 1 .pdf for latest version. to2 63ab (d2pak) type c dim min max typ a 4.30 4.70 - b 0. 70 0.90 - b2 1.15 1.35 - c 0. 40 0. 60 - c2 1.20 1.40 - d 9.00 9.40 - d1 7.96 8.36 - e 9.80 10.20 - e1 7.85 8.05 - e 2.34 2.74 h 15.00 15.87 - l 2.24 2.84 - l 1 1.00 1.40 - l2 1.20 1.60 - all dimensions in mm dimensions value (in mm) c 5.08 x 1.10 x1 10.41 y 3.50 y1 7.01 y2 15.99 e l1 d b2 b e l2 c2 a h c e1 d1 l x1 y y2 c x y1 mbr b 20 1 00 ct document number: ds 3 7071 rev . 3 - 2 5 of 6 www.diodes.com september 2014 ? diodes incorporated
mbr b 20100 ct advanced information new p roduct important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other c hanges without further notice to this document and any product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporated do es not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemni fy and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized applicat ion. products described herein may be covered by one or more united states, international or foreign patents pending. product nam es and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this doc ument is written in english but may be translated into multiple languages for reference. only the english version of this do cument is the final and determinative format released by diodes incorporated. life support diodes incorporated products are speci fically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or system s which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiveness. custom ers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related requirements c oncerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further, cus tomers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 2014, diodes incorporated www.diodes.com mbr b 20 1 00 ct document number: ds 3 7071 rev . 3 - 2 6 of 6 www.diodes.com september 2014 ? diodes incorporated


▲Up To Search▲   

 
Price & Availability of MBRB20100CT-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X